Part Number Hot Search : 
RS101 HC705 H11L1SVM EHD66764 MAX3724E TCD2560D 61111K SP300410
Product Description
Full Text Search
 

To Download 2149490-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a1 revisions 0 plc 1 plc 2 plc 3 plc 4 plc angles of scale sheet rev name size cage code drawing no dimensions: tolerances unless otherwise specified: dwn chk apvd material finish product spec application spec weight p ltr date apvd dwn description loc dist 5 6 7 8 3 4 2 1 d b a a b c c d all rights reserved. released for publication c copyright this drawing is unpublished. 4805 (3/11) restricted to this drawing is a controlled document. te connectivity 5 7 7 8 9 10 b revised per eco-15-017919 04apr2016 ap rp customer drawing 2149490 c. valentine 08oct2010 j. peterson 08oct2010 j. peterson 08oct2010 3:1 1 4 b 108-2331 114-13219 - mm - 0.10 0.10 0.10 0.10 - gp 00 cage and pt connector assembly, with emi springs, press fit, 2x8, stacked sfp+ - 20 20 00779 by - 16x 14 0.1 16x 8.95 0.15 ( ) 6.6 ( ) 114.41 ( ) 25.16 ( ) 25.58 ( ) 63.8 ( ) 63.25 ( ) 25.5 ( ) typ 1.95 ( ) 11.5 ( ) typ 8 ( ) typ 3 part number description finish enhanced emi 2149490-1 4 light pipes 4 no 2149490-2 inner 2 light pipes 2149490-3 outer 2 light pipes 2149490-4 no light pipes 2149490-5 4 light pipes 5 no 2149490-6 inner 2 light pipes 2149490-7 outer 2 light pipes 2149490-8 no light pipes 1-2149490-5 4 light pipes 5 yes 1-2149490-6 inner 2 light pipes 1-2149490-7 outer 2 light pipes 1-2149490-8 no light pipes materials: cage assembly- nickel silver alloy per astm b 122. emi springs- copper alloy. housing- black lcp, ul 94v-o rated. chicklet- black lcp, ul 94v-o rated. light pipe- polycarbonate, clear. contact- copper alloy. datum and basic dimensions established by customer. 3. minimum pcb thickness of 1.5. contact finish- conforms to the requirements of tyco electronics product specification 108-2331, based on eia/eca-364-1000.01a, (controlled environment applications) on mating interface, tin-lead on needle eye. contact finish- conforms to the requirements of tyco electronics product specification 108-2331, based on eia/eca-364-1000.01a, (controlled environment applications) on mating interface, tin on needle eye. for hole size and platings, see application spec 114-13219. the entire area of the connector footprint, indicated by the dashe line, to be considered the keepout area for components and signal traces, top side only. top side traces allowed within connector hole pattern. light pipe pad layout is for 0805 low profile led package with a height of 0.8mm. emi spring finish: 0.8m minimum matte tin over 0.8m minimum nickel, nonplated edges permissible. additional component located within latch plate for emi suppression. superseded emi springs outer light pipes inner light pipes chicklets housings 16x outer light pipes 16x inner light pipes t20 t1 t11 t10 l10 l11 l1 l20 contacts cage assembly 1 2 4 4 5 1 9 10 dimensioning and tolerancing per asme y14.5m-2009
a1 revisions 0 plc 1 plc 2 plc 3 plc 4 plc angles of scale sheet rev name size cage code drawing no dimensions: tolerances unless otherwise specified: dwn chk apvd material finish product spec application spec weight p ltr date apvd dwn description loc dist 5 6 7 8 3 4 2 1 d b a a b c c d all rights reserved. released for publication c copyright this drawing is unpublished. 4805 (3/11) restricted to this drawing is a controlled document. te connectivity - see sheet 1 - - - customer drawing 2149490 c. valentine 08oct2010 j. peterson 08oct2010 j. peterson 08oct2010 3:1 2 4 b 108-2331 114-13219 - mm - 0.10 0.10 0.10 0.10 - cage and pt connector assembly, with emi springs, press fit, 2x8, stacked sfp+ - 20 20 00779 by - 2149490-5 and 1-2149490-5 scale 5:2 2149490-6 and 1-2149490-6 scale 5:2 2149490-7 and 1-2149490-7 scale 5:2 2149490-8 and 1-2149490-8 scale 5:2 dimensioning and tolerancing per asme y14.5m-2009
a1 revisions 0 plc 1 plc 2 plc 3 plc 4 plc angles of scale sheet rev name size cage code drawing no dimensions: tolerances unless otherwise specified: dwn chk apvd material finish product spec application spec weight p ltr date apvd dwn description loc dist 5 6 7 8 3 4 2 1 d b a a b c c d all rights reserved. released for publication c copyright this drawing is unpublished. 4805 (3/11) restricted to this drawing is a controlled document. te connectivity - see sheet 1 - - - customer drawing 2149490 c. valentine 08oct2010 j. peterson 08oct2010 j. peterson 08oct2010 3:1 3 4 b 108-2331 114-13219 - mm - 0.10 0.10 0.10 0.10 - cage and pt connector assembly, with emi springs, press fit, 2x8, stacked sfp+ - 20 20 00779 by - 4.5 8x 42.1 24x 51.625 bsc 8x 14.25 69x ( ) 1.05 4x 8 8x 7.5 8x 1.625 8x 7.125 16x 4 8x 11 x y t20 t18 t16 t14 t12 t19 t17 t15 t13 t11 t1 t3 t5 t7 t9 t2 t4 t6 t8 t10 l10 l8 l6 l4 l2 l9 l7 l5 l3 l1 l11 l13 l15 l17 l19 l12 l14 l16 l18 l20 recomended pcb layout component side of the board scale 4:1 see detail h see detail f see detail g detail h connector pin-out component side of board 8x individually scale 10:1 see detail f see detail g 6 dimensioning and tolerancing per asme y14.5m-2009 2 2 7
a1 revisions 0 plc 1 plc 2 plc 3 plc 4 plc angles of scale sheet rev name size cage code drawing no dimensions: tolerances unless otherwise specified: dwn chk apvd material finish product spec application spec weight p ltr date apvd dwn description loc dist 5 6 7 8 3 4 2 1 d b a a b c c d all rights reserved. released for publication c copyright this drawing is unpublished. 4805 (3/11) restricted to this drawing is a controlled document. te connectivity 0 0 0 0 - see sheet 1 - - - customer drawing 2149490 c. valentine 08oct2010 j. peterson 08oct2010 j. peterson 08oct2010 3:1 4 4 b 108-2331 114-13219 - mm - 0.10 0.10 0.10 0.10 - cage and pt connector assembly, with emi springs, press fit, 2x8, stacked sfp+ - 20 20 00779 by - 34.29$ 0.65 2.2 3.59 5.14 6.52 0.73 2.28 3.67 1.7 19x 0.4 40x ( ) 0.46 1.85 0.05 1.85 0.05 0 0 2x 0.35 2x 2.56 2x 4.9 2x 7.11 2x 7.85 2x 1.9 2x 0.7 2x 1.5 1.63 1.25 ( ) 11 2x 0.7 2x 1.5 1.63 1.16 2x 3.57 2x 10.06 2x 11.43 4x 13.13 2x 0.625 2x 12.25 typ 115.2 min 116.5 26 4x r max each cutout 0.3 ( ) 26 distance between back of panel to front of pc board 3.5 0.3 bottom of cutout in panel to top of pc board 0 0.1 d e recommended panel cutout and pc board, panel layout scale 2:1 detail f 8x individually scale 10:1 detail g connector housing keepout zone 8x individually scale 10:1 inner light pipe area outer light pipe area section u-u scale 2:1 6 dimensioning and tolerancing per asme y14.5m-2009 8


▲Up To Search▲   

 
Price & Availability of 2149490-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X